Part Number Hot Search : 
LT176 LPU455B 8206B B2405S 00103 TCRC0912 TCRC0912 Z5240
Product Description
Full Text Search
 

To Download IXFN200N06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HiPerFETTM Power MOSFETs
N-Channel Enhancement Mode Avalanche Rated, High dv/dt, Low trr
VDSS IXFN 200 N06 IXFN 180 N07 IXFN 200 N07 60 V 70 V 70 V
ID25 200 A 180 A 200 A trr 250 ns
RDS(on) 6 mW 7 mW 6 mW
Symbol VDSS VDGR VGS VGSM ID25 IL(RMS) IDM IAR EAR EAS dv/dt PD TJ TJM Tstg VISOL Md Weight
Test Conditions TJ = 25C to 150C TJ = 25C to 150C; RGS = 1 MW Continuous Transient TC= 25C; Chip capability Terminal current limit TC = 25C, pulse width limited by TJM TC = 25C TC = 25C TC = 25C IS IDM, di/dt 100 A/ms, VDD VDSS, T J 150C, RG = 2 W TC = 25C 200N06/200N07 180N07 N07 N06 N07 N06
Maximum Ratings 70 60 70 60 20 30 200 180 100 600 100 30 2 5 520 -55 ... +150 150 -55 ... +150 V V V V V V A A A A A mJ J V/ns W C C C V~ V~
miniBLOC, SOT-227 B (IXFN) E153432
S G
S D
G = Gate S = Source
D = Drain
Either Source terminal at miniBLOC can be used as Main or Kelvin Source
Features * International standard packages * miniBLOC with Aluminium nitride isolation * Low RDS (on) HDMOSTM process * Rugged polysilicon gate cell structure * Unclamped Inductive Switching (UIS) rated * Low package inductance * Fast intrinsic Rectifier
50/60 Hz, RMS IISOL 1 mA Mounting torque Terminal connection torque
t = 1 min t=1s
2500 3000
1.5/13Nm/lb.in. 1.5/13Nm/lb.in. 30 g
Applications * * * * DC-DC converters Synchronous rectification Battery chargers Switched-mode and resonant-mode power supplies * DC choppers * Temperature and lighting controls * Low voltage relays
Symbol
Test Conditions
Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. N06 N07 60 70 2 V V V nA mA mA
VDSS VGS (th) IGSS IDSS RDS(on)
VGS = 0 V, ID = 1 mA VDS = VGS, ID = 8 mA VGS = 20 VDC, VDS = 0 VDS = 0.8 * VDSS VGS = 0 V TJ = 125C
4 200 400 2
TJ = 25C
Advantages * Easy to mount * Space savings * High power density
97533A (9/99)
VGS = 10 V, ID = 0.5 * ID25 200N06/200N07 Pulse test, t 300 ms, duty cycle d 2 % 180N07
6 mW 7 mW
IXYS reserves the right to change limits, test conditions, and dimensions.
(c) 2000 IXYS All rights reserved
1-4
IXFN 200N06
Symbol Test Conditions
IXFN 180N07 IXFN 200N07
Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 60 80 9000 S pF pF pF ns ns ns ns nC nC nC 0.24 0.05 K/W K/W
miniBLOC, SOT-227 B
gfs C iss Coss C rss td(on) tr td(off) tf Qg(on) Qgs Qgd RthJC RthCK
VDS = 10 V; ID = 0.5 * ID25, pulse test
VGS = 0 V, VDS = 25 V, f = 1 MHz
4000 2400 30
VGS = 10 V, VDS = 0.5 * VDSS, ID = 0.5 * ID25 RG = 1 W (External),
60 100 60 480
M4 screws (4x) supplied
Dim. A B C D E F G H J K L M N O P Q R S Millimeter Min. Max. 31.50 7.80 4.09 4.09 4.09 14.91 30.12 38.00 11.68 8.92 0.76 12.60 25.15 1.98 4.95 26.54 3.94 4.72 24.59 -0.05 31.88 8.20 4.29 4.29 4.29 15.11 30.30 38.23 12.22 9.60 0.84 12.85 25.42 2.13 5.97 26.90 4.42 4.85 25.07 0.1 Inches Min. Max. 1.240 0.307 0.161 0.161 0.161 0.587 1.186 1.496 0.460 0.351 0.030 0.496 0.990 0.078 0.195 1.045 0.155 0.186 0.968 -0.002 1.255 0.323 0.169 0.169 0.169 0.595 1.193 1.505 0.481 0.378 0.033 0.506 1.001 0.084 0.235 1.059 0.174 0.191 0.987 0.004
VGS = 10 V, VDS = 0.5 * VDSS, ID = 0.5 * ID25
60 240
miniBLOC, SOT-227 B miniBLOC, SOT-227 B
Source-Drain Diode Symbol IS ISM VSD t rr QRM IRM Test Conditions VGS = 0 V
Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 200N06/200N07 180N07 200 180 600 1.7 150 250 A A A V ns mC A
T U
Repetitive; pulse width limited by TJM IF = 100 A, VGS = 0 V, Pulse test, t 300 ms, duty cycle d 2 % IF = 25 A -di/dt = 100 A/ms, VR = 50 V
0.7 9
(c) 2000 IXYS All rights reserved
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents: 4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025
2-4
IXFN 200N06
IXFN 180N07 IXFN 200N07
175 150
TJ = 25OC
600
VGS=10V 9V 8V 7V 6V TJ=25OC
500
VGS=10V 9V 8V
ID - Amperes
125 100 75 50 25 0 0.0
ID - Amperes
400
7V
5V
300 200 100 0
6V
5V
0.5
1.0
1.5
2.0
0
1
2
3
4
5
6
7
8
9
10
VDS - Volts
Figure 1. Output Characteristics at 25OC
VDS - Volts
Figure 2. Extended Output Characteristics
600
VDS > 4RDS(ON)
80
Transconductance - Siemens
500
TJ=150OC
70 60 50 40 30 20 10 0 0
VGS=10V
TJ = 25oC
ID - Amperes
400
TJ=25OC
TJ = 100oC
300 200 100 0 2 4 6
TJ=100OC
TJ = 150oC
8
10
12
100
200
300
400
500
600
VGS - Volts
IC - Amperes
Figure 3. Admittance Curves
Figure 4.
Transconductance vs. Drain Current
1.4
TJ = 25oC
2.25 2.00
ID = 75A VGS = 10V
RDS(ON) - Normalized
1.3
RDS(ON) - Normalized
500 600
1.2 1.1 1.0 0.9 0.8 0 100 200 300 400
VGS = 10V VGS = 15V
1.75 1.50 1.25 1.00 0.75 0.50 -50 -25 0 25 50 75 100 125 150 175
ID - Amperes
TJ - Degrees C
Figure 5. RDS(on) normalized to 0.5 ID25 value
Figure 6. Normalized RDS(on) vs. Junction Temperature
(c) 2000 IXYS All rights reserved
3-4
IXFN 200N06
IXFN 180N07 IXFN 200N07
16 14 12
VDS = 40V ID = 38A IG = 1mA
250
IXFN200
200
ID - Amperes
VGS - Volts
10 8 6 4 2 0 0 100 200 300 400 500 600 700
150 100 50 0 -50
IXFN180
(Terminal current limit)
-25
0
25
50
75
100 125 150
O
Gate Charge - nCoulombs
Case Temperature - C
Figure 7. Gate Charge
Figure 8. Drain Current vs. Case Temperature
400
F = 1MHz TJ =150OC
12000 10000
p
8000 6000
ID - Amperes
Ciss
300
200
TJ =25OC TJ =150 C
O
Coss
p
4000 2000 0 0 10 20 30 40
Crss
100
TJ =100OC
0 0.0
0.5
1.0
1.5
2.0
VDS - Volts
VSD - Volts
Figure 9. Capacitance Curves
100 Thermal Response - K/W
Figure 10. Source-Drain Voltage vs. Source Current
10-1
10-2 10-3
10-2 Time - Seconds
10-1
100
Figure 11. Transient Thermal Resistance
(c) 2000 IXYS All rights reserved
4-4


▲Up To Search▲   

 
Price & Availability of IXFN200N06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X